PART |
Description |
Maker |
NCP45520 |
NCP45520 & NCP45521 Datasheet - ecoSWITCH Advanced Load Management: 11.5A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|
MM74C240 MM74C244 MM74C244WM MM74C240N MM74C240WM |
Inverting • Non-Inverting Octal Buffer and From old datasheet system Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
CD4049UBC CD4050B CD4050BC CD4049UBC02 CD4050BCN C |
LOGIC GATE|HEX INVERTER|CMOS|SOP|16PIN|PLASTIC HEX INVERTING BUFFER HEX NON-INVERTING BUFFER Hex Inverting Buffer • Hex Inverting Buffer ?Hex Non-Inverting Buffer
|
FAIRCHILD[Fairchild Semiconductor]
|
MIC2199 MIC2199BML |
300kHz 4mm × 4mm Synchronous Buck Converter 300kHz 4mm 】 4mm Synchronous Buck Converter 300kHz 4mm 4mm Synchronous Buck Converter 300kHz 4mm x 4mm Synchronous Buck Controller
|
MICREL[Micrel Semiconductor]
|
IRU1015CD IRU1015CDTR IRU1015CT |
1.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 1.5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package
|
International Rectifier
|
IRU1260 IRU1260CM IRU1260CP IRU1260CT IRU1260CMTR |
Dual 1A and 6A Adj LDO Linear Regulator in a ULTRA THIN-PAK 7-Leads package Dual 1A and 6A Adj LDO Linear Regulator in a TO-263 7-Leads package DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
M54_74HCT573 M54_74HCT563 |
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
|
STMicro
|
TC74HCT541AF TC74HCT541AFW TC74HCT541AP TC74HCT540 |
From old datasheet system OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
CBLK-300-3 |
SMA DC Block 300KHz to 3GHz
|
CRYSTEK CORPORATION
|
XL4005 XL4005E1 |
5A 300KHz 32V Buck DC to DC Converter
|
List of Unclassifed Man...
|